Part Number Hot Search : 
LGH5015 03952 R5150 MBR645 1N4748 RGC20G A3030 15KE350C
Product Description
Full Text Search
 

To Download MBR3045FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220f plastic-encapsulate diodes mbr3030, 35, 40, 45, 50fct schottky barrier rectifier features z schottky barrier chip z guard ring die construction for transient protection z low power loss,high efficiency z high surge capability z high current capability and low forward voltage drop z for use in low voltage, high fr equency inverters,free wheeling, and polarity protection applications maximum ratings ( t a =25 unless otherwise noted ) value unit symbol parameter mbr30 30fct mbr30 35fct mbr30 40fct mbr30 45fct mbr30 50fct v rrm peak repetitive reverse voltage v rwm working peak reverse voltage v r dc blocking voltage 30 35 40 45 50 v v r(rms) rms reverse voltage 21 24.5 28 31.5 35 v i o average rectified output current 30 a i fsm non-repetitive peak forward surge current 8.3ms half sine wave 200 a p d power dissipation 2 w r ja thermal resistance from junction to ambient 50 /w t j junction temperature 125 t stg storage temperature -55~+150 to-220f 1. anode 2. cathode 3. a node 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
electrical characteristics (t a =25 unless otherwise specified) parameter symbol device test conditions min typ max unit mbr3030fct 30 mbr3035fct 35 mbr3040fct 40 MBR3045FCT 45 reverse voltage v (br) mbr3050fct i r =1ma 50 v mbr3030fct v r =30v mbr3035fct v r =35v mbr3040fct v r =40v MBR3045FCT v r =45v reverse current i r mbr3050fct v r =50v 0.2 ma mbr3030-45fct 0.7 v f1 mbr3050fct i f =15a 0.8 v mbr3030-45fct 0.84 forward voltage v f2 * mbr3050fct i f =30a 0.95 v mbr3030-45fct 450 typical total capacitance c tot * mbr3050fct v r =4v,f=1mhz 400 pf *pulse test: pulse width 300 s, duty cycle 2.0%. 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of MBR3045FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X